Part Number Hot Search : 
APT1608 M3100 RB085 MCSOHV L23AT 31GDCM23 SPM1423 IRF7103
Product Description
Full Text Search
 

To Download M74HC175RM13TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 july 2001 n high speed : t pd = 16 ns (typ.) at v cc = 6v n low power dissipation: i cc =4 m a(max.) at t a =25c n high noise immunity: v nih = v nil = 28 % v cc (min.) n symmetrical output impedance: |i oh | = i ol = 4ma (min) n balanced propagation delays: t plh @ t phl n wide operating voltage range: v cc (opr) = 2v to 6v n pin and function compatible with 74 series 175 description the m74hc175 is an high speed cmos hex d-type flip flop with clear fabricated with silicon gate c 2 mos technology. these four flip-flops are controlled by a clock input (clock) and a clear input (clear ). the information data applied to the d inputs (1d to 4d) are transferred to the outputs (1q to 4q and 1q to 4q ) on the positive-going edge of the clock pulse. the reset function is accomplished when the clear input is low and all q outputs are low regardless of other input conditions. all inputs are equipped with protection circuits against static discharge and transient excess voltage. m74hc175 quad d-type flip flop with clear pin connection and iec logic symbols order codes package tube t & r dip m74hc175b1r sop m74hc175m1r M74HC175RM13TR tssop m74hc175ttr tssop dip sop
m74hc175 2/11 input and output equivalent circuit pin description truth table x : dont care logic diagram this logic diagram has not be used to estimate propagation delays pin no symbol name and function 1 clear asynchronous master reset (active low) 2, 7, 10, 15 1q to 4q flip-flop outputs 3, 6, 11, 14 1q to 4q complementary flip-flop outputs 4, 5, 12, 13 1d to 4d data inputs 9 clock clock input (low to high, edge triggered) 8 gnd ground (0v) 16 vcc positive supply voltage inputs outputs function clear d clock q q lxxlh hl lh hh hl h x qn q n no change
m74hc175 3/11 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied (*) 500mw at 65 c; derate to 300mw by 10mw/ c from 65 c to 85 c recommended operating conditions symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 50 ma p d power dissipation 500(*) mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2 to 6 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c t r , t f input rise and fall time v cc = 2.0v 0 to 1000 ns v cc = 4.5v 0 to 500 ns v cc = 6.0v 0 to 400 ns
m74hc175 4/11 dc specifications symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 4.5 3.15 3.15 3.15 6.0 4.2 4.2 4.2 v il low level input voltage 2.0 0.5 0.5 0.5 v 4.5 1.35 1.35 1.35 6.0 1.8 1.8 1.8 v oh high level output voltage 2.0 i o =-20 m a 1.9 2.0 1.9 1.9 v 4.5 i o =-20 m a 4.4 4.5 4.4 4.4 6.0 i o =-20 m a 5.9 6.0 5.9 5.9 4.5 i o =-4.0 ma 4.18 4.31 4.13 4.10 6.0 i o =-5.2 ma 5.68 5.8 5.63 5.60 v ol low level output voltage 2.0 i o =20 m a 0.0 0.1 0.1 0.1 v 4.5 i o =20 m a 0.0 0.1 0.1 0.1 6.0 i o =20 m a 0.0 0.1 0.1 0.1 4.5 i o =4.0 ma 0.17 0.26 0.33 0.40 6.0 i o =5.2 ma 0.18 0.26 0.33 0.40 i i input leakage current 6.0 v i = v cc or gnd 0.1 1 1 m a i cc quiescent supply current 6.0 v i = v cc or gnd 44080 m a
m74hc175 5/11 ac electrical characteristics (c l = 50 pf, input t r = t f = 6ns) capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /4 (per flip/ flop) symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t tlh t thl output transition time 2.0 30 75 95 110 ns 4.5 8151922 6.0 7131619 t plh t phl propagation delay time (clock - q, q ) 2.0 60 150 190 225 ns 4.5 19 30 38 45 6.0 16 26 32 38 t plh t phl propagation delay time (clear - q, q ) 2.0 50 125 155 190 ns 4.5 16 25 31 38 6.0 14 21 26 32 f max maximum clock frequency 2.0 6.2 13 5 4.2 mhz 4.5 31 52 25 21 6.0 37 61 30 25 t w(h) t w(l) minimum pulse width (clock) 2.0 28 75 95 110 ns 4.5 7151922 6.0 6131619 t w(l) minimum pulse width (clear ) 2.0 28 75 95 110 ns 4.5 7151922 6.0 6131619 t s minimum set-up time 2.0 28 75 95 110 ns 4.5 7151922 6.0 6131619 t h minimum hold time 2.0 0 0 0 ns 4.5 0 0 0 6.0 0 0 0 t rem minimum removal time (clear ) 2.0 5 5 5 ns 4.5 5 5 5 6.0 5 5 5 symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 5.0 5101010pf c pd power dissipation capacitance (note 1) 5.0 47 pf
m74hc175 6/11 test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r t = z out of pulse generator (typically 50 w ) waveform 1: propagation delay times, minimum pulse width (clock), setup and hold time (d to clock) (f=1mhz; 50% duty cycle)
m74hc175 7/11 waveform 2 :minimum pulse width (clear ) and removal time ( clear to clock) (f=1mhz; 50% duty cycle) waveform 3 : input waveforms (f=1mhz; 50% duty cycle)
m74hc175 8/11 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 plastic dip-16 (0.25) mechanical data p001c
m74hc175 9/11 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.62 0.024 s8 (max.) so-16 mechanical data po13h
m74hc175 10/11 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop16 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080338d
m74hc175 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com 11/11


▲Up To Search▲   

 
Price & Availability of M74HC175RM13TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X